Part Number Hot Search : 
SC416 S1000 8XS20D3 70182 LA6563 SF916 ICL7149 IL54123
Product Description
Full Text Search
 

To Download MA3330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zener Diodes
MAZ3000 Series (MA3000 Series)
Silicon planar type
0.40+0.10 -0.05
Unit: mm
0.16+0.10 -0.06
For stabilization of power supply s Features
* Mini type 3-pin package (Mini3-G1) * Allowing to achieve a high-density set * Sharp rising performance * Wide voltage range: VZ = 2.0 V to 36 V
10 1
3 1.50+0.25 -0.05 2.8+0.2 -0.3
2 (0.65)
(0.95) (0.95) 1.90.1 2.90+0.20 -0.05
1.1+0.2 -0.1
Parameter Average forward current Repetitive peak forward current Total power dissipation *1 Non-repetitive reverse surge power dissipation *2 Junction temperature Storage temperature
Symbol IF(AV) IFRM Ptot PZSM Tj Tstg
Rating 100 200 200 15 150 -55 to +150
Unit mA mA mW W C C
1.1+0.3 -0.1
s Absolute Maximum Ratings Ta = 25C
1: Anode 2: N.C. 3: Cathode EIAJ : SC-59 Mini3-G1 Package
Marking Symbol Refer to the list of the electrical characteristics within part numbers (Example) MAZ3020: 2.0 MAZ30820H: 8.2H
Note) L/M/H marked products will be supplied unless other wise specified
Note) *1: With a printed circuit board *2: t = 100 s, Tj = 150C
Internal Connection
3
1
0 to 0.1
2
s Common Electrical Characteristics Ta = 25C *1
Parameter Forward voltage Zener voltage *2 Zener knee operating resistance Zener operating resistance Reverse current Temperature coefficient of zener voltage *3 Terminal capacitance Symbol VF VZ RZK RZ IR1 IR2 SZ Ct IF = 10 mA IZ IZ IZ VR VR IZ VR Specified value Specified value Specified value Specified value Specified value Specified value Specified value Refer to the list of the electrical characteristics within part numbers Conditions Min Typ 0.8 Max 0.9 Unit V V A A mV/C pF
Note) 1. Rated input/output frequency: 5 MHz 2. *1 : The VZ value is for the temperature of 25C. In other cases, carry out the temperature compensation. *2: Guaranteed at 20 ms after power application. *3: Tj = 25C to 150C Note) The part number in the parenthesis shows conventional part number.
Publication date: February 2002 SKE00003BED
0.40.2
5
1
MAZ3000 Series
s Electrical characteristics within part numbers Ta = 25C
* VZ = 2.0 V to 8.2 V (IZ = 5 mA)
Zener voltage Part number VZ (V) IZ = 5 mA Min Nom Max 1.88 2.0 2.12 2.08 2.2 2.32 2.28 2.4 2.60 2.50 2.7 2.90 2.50 2.6 2.75 2.65 2.8 2.90 2.80 3.0 3.20 2.80 2.9 3.05 2.95 3.1 3.20 3.10 3.3 3.50 3.10 3.2 3.35 3.25 3.4 3.50 3.40 3.6 3.80 3.40 3.5 3.65 3.55 3.7 3.80 3.70 3.9 4.10 3.70 3.8 3.97 3.87 4.0 4.10 4.00 4.3 4.60 4.03 4.1 4.26 4.17 4.3 4.40 4.31 4.4 4.54 4.4 4.7 5.0 4.45 4.6 4.69 4.59 4.7 4.83 4.74 4.9 4.99 4.8 5.1 5.4 4.87 5.0 5.12 5.0 5.1 5.26 5.14 5.3 5.4 5.3 5.6 6.0 5.3 5.4 5.58 5.48 5.6 5.76 5.66 5.8 5.95 5.8 6.2 6.6 5.85 6.0 6.15 6.05 6.2 6.36 6.24 6.4 6.56 6.4 6.8 7.2 6.44 6.6 6.77 6.64 6.8 6.98 6.85 7.0 7.2 7.0 7.5 7.9 7.07 7.3 7.43 7.29 7.5 7.67 7.51 7.7 7.89 7.7 8.2 8.7 7.77 7.9 8.17 8.03 8.2 8.43 8.29 8.5 8.7 IR1 (A) VR (V) Max 0.5 120 0.7 120 1 120 1 Zener operating resistance Temperature coefficient of zener voltage SZ (mV/C) IZ = 5 mA Min Typ Max -3.5 -1.5 0 -3.5 -1.5 0 -3.5 -1.6 0
Terminal capacitance Ct (pF) (VR = 0 V) f = 1 MHz
Reverse current
MAZ3020 MAZ3022 MAZ3024 MAZ3027 MAZ30270L MAZ30270H MAZ3030 MAZ30300L MAZ30300H MAZ3033 MAZ30330L MAZ30330H MAZ3036 MAZ30360L MAZ30360H MAZ3039 MAZ30390L MAZ30390H MAZ3043 MAZ30430L MAZ30430M MAZ30430H MAZ3047 MAZ30470L MAZ30470M MAZ30470H MAZ3051 MAZ30510L MAZ30510M MAZ30510H MAZ3056 MAZ30560L MAZ30560M MAZ30560H MAZ3062 MAZ30620L MAZ30620M MAZ30620H MAZ3068 MAZ30680L MAZ30680M MAZ30680H MAZ3075 MAZ30750L MAZ30750M MAZ30750H MAZ3082 MAZ30820L MAZ30820M MAZ30820H
IR2 (A) RZ () RZK () VR IZ = 5 mA IZ (V) Max Typ Max (mA) Max 5 100 5 100 5 100 5 110
Marking symbol
Typ
120
-3.5 -2.0 0
1
50
5 120
-3.5 -2.1 0
1
20
5 130
-3.5 -2.4 0
1
10
5 130
-3.5 -2.4 0
1
10
5 130
-3.5 -2.5 0
1
10
5 130
-3.5 -2.5 0
1
3
50 80
1
900 -3.5 -1.4 0.2 130
2
2
40 60
1
800 -2.7 -0.8 1.2 110
2
1
15 40
1
500 -2 1.2 2.5 95
4
4
5
5
5.3 5.3 3 5.5 5.7 5.9 5.9 2 6.1 6.3 6.5 6.5 1 6.7 7.0 7.2 7.2 0.5 7.5 7.7
60
6
20 0.5 300 0.4 2.3 3.7 90
60
6
15 0.5 140 1.2
3
4.5 85
60
6
15 0.5 120 2.5
4
5.3 80
60
6
15 0.5 120 3.2 4.6 6.2 75
Max 2.0 2.2 2.4 2.7L or 2.7H 2.7L 2.7H 3.0L or 3.0H 3.0L 3.0H 3.3L or 3.3H 3.3L 3.3H 3.6L or 3.6H 3.6L 3.6H 3.9L or 3.9H 3.9L 3.9H 4.3L or 4.3M or 4.3H 4.3L 4.3M 4.3H 4.7L or 4.7M or 4.7H 4.7L 180 4.7M 4.7H 5.1L or 5.1M or 5.1H 5.1L 160 5.1M 5.1H 5.6L or 5.6M or 5.6H 5.6L 140 5.6M 5.6H 6.2L or 6.2M or 6.2H 6.2L 130 6.2M 6.2H 6.8L or 6.8M or 6.8H 6.8L 110 6.8M 6.8H 7.5L or 7.5M or 7.5H 7.5L 100 7.5M 7.5H 8.2L or 8.2M or 8.2H 8.2L 95 8.2M 8.2H
2
SKE00003BED
MAZ3000 Series
s Electrical characteristics within part numbers (continued) Ta = 25C
* VZ = 9.1 V to 24.0 V (IZ = 5 mA)
Zener voltage Part number VZ (V) IZ = 5 mA Min Nom Max 8.5 9.1 9.6 8.58 8.8 9.02 8.87 9.1 9.33 9.14 9.4 9.6 9.4 10 10.6 9.44 9.7 9.92 9.75 10 10.25 10.07 10.3 10.59 10.4 11 11.6 10.4 10.7 10.94 10.73 11 11.28 11.05 11.3 11.6 11.4 12 12.7 11.4 11.7 11.96 11.73 12 12.33 12.06 12.3 12.68 12.4 13 14.1 12.4 12.7 12.99 12.73 13 13.4 13.25 13.7 14.08 13.65 14 14.35 13.9 15 15.6 13.9 14.3 14.76 14.6 15 15.35 14.95 15.3 15.6 15.3 16 17.1 15.3 15.7 16.09 15.7 16 16.5 16.26 16.7 17.1 16.9 18 19.1 16.9 17.3 17.76 17.55 18 18.45 18.2 18.7 19.1 18.8 20 21.2 18.85 19.3 19.81 19.50 20 20.5 20.15 20.7 21.19 20.8 22 23.3 20.8 21.3 21.86 21.45 22 22.55 22.1 22.7 23.24 22.8 24 25.6 22.8 23.3 23.97 23.5 24 24.7 24.35 25 25.6 Temperature coefficient of zener voltage IR1 (A) IR2 (A) RZ () RZK () SZ (mV/C) VR VR IZ = 5 mA IZ IZ = 5 mA (V) Max (V) Max Typ Max (mA) Max Min Typ Max 8 8 6 0.2 60 6 15 0.5 130 3.8 5.5 7 8.3 8.6 8.9 8.9 7 0.2 60 8 20 0.5 130 4.5 6.4 8 9.2 9.5 9.9 9.9 7 0.1 60 10 20 0.5 170 5.4 7.4 9 10.2 10.5 10.9 10.9 8 0.1 60 10 25 0.5 170 6 8.4 10 11.2 11.5 11.9 11.9 9 0.1 60 10 30 0.5 170 7 9.4 11 12.2 12.7 9 0.1 13.1 60 10 30 0.5 170 7 10 13 13.4 13.4 10 0.05 60 10 30 0.5 170 9.2 11.4 13 14.1 14.4 14.8 14.8 11 0.05 60 10 40 0.5 170 10.4 12.4 14 15.2 15.7 16.4 16.4 13 0.05 60 10 45 0.5 170 12.4 14.4 16 17 17.7 18.3 18.3 14 0.05 60 15 55 0.5 180 14.4 16.4 18 19 19.6 20.3 20.3 15 0.05 60 20 55 0.5 180 16.4 18.4 20 20.9 21.6 22.3 22.3 17 0.05 60 25 70 0.5 180 18.4 20.4 22 23 23.8 Reverse current Zener operating resistance
Terminal capacitance Ct (pF) (VR = 0 V) f = 1 MHz
Marking symbol
Typ Max 70 90 9.1L or 9.1M or 9.1H 9.1L 9.1M 9.1H 10L or 10M or 10H 10L 10M 10H 11L or 11M or 11H 11L 11M 11H 12L or 12M or 12H 12L 12M 12H 13L or 13M or 13H 13L 13M 13H 14M 15L or 15M or 15H 15L 15M 15H 16L or 16M or 16H 16L 16M 16H 18L or 18M or 18H 18L 18M 18H 20L or 20M or 20H 20L 20M 20H 22L or 22M or 22H 22L 22M 22H 24L or 24M or 24H 24L 24M 24H
MA3091 MAZ30910L MAZ30910M MAZ30910H MAZ3100 MAZ31000L MAZ31000M MAZ31000H MAZ3110 MAZ31100L MAZ31100M MAZ31100H MAZ3120 MAZ31200L MAZ31200M MAZ31200H MAZ3130 MAZ31300L MAZ31300M MAZ31300H MAZ31400M MAZ3150 MAZ31500L MAZ31500M MAZ31500H MAZ3160 MAZ31600L MAZ31600M MAZ31600H MAZ3180 MAZ31800L MAZ31800M MAZ31800H MAZ3200 MAZ32000L MAZ32000M MAZ32000H MAZ3220 MAZ32200L MAZ32200M MAZ32200H MAZ3240 MAZ32400L MAZ32400M MAZ32400H
70
90
65
85
65
85
60 60 55
80 80 75
52
75
47
70
36
60
34
60
33
55
SKE00003BED
3
MAZ3000 Series
s Electrical characteristics within part numbers (continued) Ta = 25C
*VZ = 27.0 V to 36.0 V (IZ = 2 mA)
Zener voltage Part number VZ (V) IZ = 2 mA Min Nom Max 25.1 27 28.9 25.3 26 26.7 26.3 27 27.7 27.3 28 28.7 28 30 32 28.3 29 29.7 29.3 30 30.8 30.2 31 31.8 31 33 35 31.2 32 32.8 32.2 33 33.8 33.2 34 34.9 34 36 38 34.1 35 35.9 35.1 36 36.9 36.1 37 37.9 Temperature coefficient of zener voltage IR1 (A) IR2 (A) RZ () RZK () SZ (mV/C) VR VR IZ = 2 mA IZ IZ = 2 mA (V) Max (V) Max Typ Max (mA) Max Min Typ Max 24.8 24.8 19 0.05 60 25 80 0.5 200 21.4 23.4 25.3 25.8 26.8 27.8 27.8 21 0.05 60 30 80 0.5 200 24.4 26.6 29.4 28.8 29.7 30.7 30.7 23 0.05 60 35 80 0.5 200 27.4 29.7 33.4 31.7 32.7 33.6 33.6 25 0.05 60 35 90 0.5 200 30.4 33 37.4 34.6 35.6 Reverse current Zener operating resistance
Terminal capacitance Ct (pF) (VR = 0 V) f = 1 MHz
Marking symbol
Typ Max 30 50 27L or 27M or 27H 27L 27M 27H 30L or 30M or 30H 30L 30M 30H 33L or 33M or 33H 33L 33M 33H 36L or 36M or 36H 36L 36M 36H
MAZ3270 MAZ32700L MAZ32700M MAZ32700H MAZ3300 MAZ33000L MAZ33000M MAZ33000H MAZ3330 MAZ33300L MAZ33300M MAZ33300H MAZ3360 MAZ33600L MAZ33600M MAZ33600H
27
50
25
45
23
45
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25C. 2. The zener voltage temperature coefficient is the one for Tj = 25C to 150C.
Ptot Ta
240 A 200
PZSM tW
103 100
IF V F
Power dissipation Ptot (mW)
102
160
Forward current IF (mA)
0.8 mm Print foil t = 0.035 mm
Non-repetitive reverse surge power dissipation PZSM (W)
10 mm 10 mm K
80
60
120
10
Ta = 25C
40
80
125C 1
40
20
0 0 40 80 120 160
10-1 10-1
0 1 10 102 0 0.2 0.4 0.6 0.8 1.0 1.2
Ambient temperature Ta (C)
Pulse width tW (ms)
Forward voltage VF (V)
4
SKE00003BED
MAZ3000 Series
IZ V Z
100 Ta = 25C Static Characteristics 80 40 50 Ta = 25C Static Characteristics
I Z VZ
20
IZ V Z
Ta = 25C Static Characteristics
MAZ3110 16
Zener current IZ (mA)
Zener current IZ (mA)
MAZ3020 60
MAZ3024 MAZ3027 MAZ3033 MAZ3036 MAZ3039
30
MAZ3047
MAZ3062 MAZ3068 MAZ3075
Zener current IZ (mA)
MAZ3051 MAZ3056
MAZ3130 12 MAZ3160 MAZ3200 MAZ3240 MAZ3270 MAZ3300 MAZ3330
MAZ3082
40
20
8
MAZ3091
20
MAZ3043
10
MAZ3100
4 MAZ3360 0
0 0 1 2 3 4 5 6
0 0 2 4 6 8 10 12
0
10
20
30
40
50
Zener voltage VZ (V)
Zener voltage VZ (V)
Zener voltage VZ (V)
IZ V Z
120 Tj = 25C Dynamic Characteristics MAZ3020 60
I Z VZ
Tj = 25C Static Characteristics
MAZ3047
MAZ3082
IZ V Z
24 MAZ3110
MAZ3091
100
50
20
MAZ3130 MAZ3160
Zener current IZ (mA)
Zener current IZ (mA)
MAZ3024 80 MAZ3027 MAZ3030 MAZ3033 MAZ3036 MAZ3039 40 MAZ3043
Zener current IZ (mA)
MAZ3051
MAZ3100
40
MAZ3056 MAZ3062
16
MAZ3200 MAZ3240
60
30
MAZ3068 MAZ3075
12
MAZ3270 MAZ3300
20
8
MAZ3330 MAZ3360
20
10
4
Tj = 25C Dynamic Characteristics 0 10 20 30 40 50
0 0 1 2 3 4 5 6
0 0 2 4 6 8 10 12
0
Zener voltage VZ (V)
Zener voltage VZ (V)
Zener voltage VZ (V)
Zth tW
10 (1) Without Printed-circuit board (2) With a printed-circuit board Thickness t = 1.6 mm Copper foil t = 0.035 mm Anode side area 10 mm2 Cathode side area 20 mm2 1 (1) (2) 0.1
104
RZ IZ
Thermal impedance Zth (C / mW)
Zener operating resistance RZ ()
103 MAZ3020
102 MAZ3360 MAZ3033 MAZ3024 MAZ3300 MAZ3047 MAZ3200 MAZ3120 MAZ3068 1 10 102
0.01
10
0.001 10-2
10-1
1
10
102
103
104
1 10-1
Pulse width tW (s)
Zener current IZ (mA)
SKE00003BED
5
MAZ3000 Series
SZ IZ
Temperature coefficient of zener voltage SZ (mV / C)
Tj = 25C to 150C MAZ3043 0 MAZ3039 -1
SZ I Z
Temperature coefficient of zener voltage SZ (mV / C)
10 Tj = 25C to 150C 8 6 4 2 0 MAZ3047 -2 -4 -6 MAZ3020 MAZ3100 MAZ3091 MAZ3082 MAZ3075 MAZ3062 MAZ3056 MAZ3051 MAZ3068
1
MAZ3036 MAZ3033
-2
MAZ3030 MAZ3024 MAZ3027
-3
0
20
40
60
80
100
120
0
4
8
12
16
20
24
Zener current IZ (mA)
Zener current IZ (mA)
6
SKE00003BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of MA3330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X